Part Number Hot Search : 
2N7002 AN179 CXX0G AT25F SSD25 54240 C2412 HA1315
Product Description
Full Text Search
 

To Download 0039000280 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0039000280 Active
standard_062 1.57mm (.062") Diameter, Standard .062" Pin and Socket Crimp Terminal, Series 1854, 3.68mm (.145") Pitch, Male, Tin (Sn) Plated Brass Contact, 22-28 AWG, Reel
Documents: Drawing (PDF) Product Specification PS-1854-002 (PDF)
Product Specification PS-1854-003 (PDF) RoHS Certificate of Compliance (PDF) Series image - Reference only Crimp Terminals 1854 Yes standard_062 Standard .062" EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Halogen-Free Status Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Crimp Quality Equipment Overview Product Name
Physical
Gender Material - Metal Material - Plating Mating Material - Plating Termination Packaging Type Plating min: Mating (in) Plating min: Mating (m) Plating min: Termination (in) Plating min: Termination (m) Termination Interface: Style Wire Insulation Diameter Wire Size AWG Wire Size mm Male Brass Tin Tin Reel 35 0.88 35 0.88 Crimp or Compression 1.10-1.50mm (.043-.059") 22, 24, 26, 28 N/A
Material Info
Old Part Number 1854T
Search Parts in this Series 1854Series Use With 1625np Plug Housing Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Mini-MacTM 0638914000 Applicator Hand Crimp Tool 0638190800 Manual Extraction 0011030002 Tool Japan Description Product # Hand Insertion Tool 0011020001 Applicator for M211A 0011260072 Bench Press, 18-28
Reference - Drawing Numbers
Packaging Specification Product Specification Sales Drawing SPK-1854-001 PS-1854-002, PS-1854-003 SD-1854*
AWG, for 1560 and 1561 Crimp Terminal
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0039000280

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X